Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 267 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 267 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 263Page - STMicroelectronics UPSD3422 Datasheet HTML 264Page - STMicroelectronics UPSD3422 Datasheet HTML 265Page - STMicroelectronics UPSD3422 Datasheet HTML 266Page - STMicroelectronics UPSD3422 Datasheet HTML 267Page - STMicroelectronics UPSD3422 Datasheet HTML 268Page - STMicroelectronics UPSD3422 Datasheet HTML 269Page - STMicroelectronics UPSD3422 Datasheet HTML 270Page - STMicroelectronics UPSD3422 Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 293 page
background image
uPSD34xx
DC and AC parameters
267/293
Table 157.
PSD module DC characteristics (with 5V VDD)
Note:
1
Internal Power-down mode is active.
2
PLD is in non-Turbo mode, and none of the inputs are switching.
3
Please see Figure 96 on page 259 for the PLD current calculation.
4IOUT = 0mA
Symbo
l
Parameter
Test Condition
(in addition to those in
Table 156 on page 265)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage
4.5V < VDD < 5.5V
2
VDD +0.5
V
VIL
Input Low Voltage
4.5V < VDD < 5.5V
–0.5
0.8
V
VLKO
VDD (min) for Flash Erase
and Program
2.5
4.2
V
VOL
Output Low Voltage
IOL = 20uA, VDD = 4.5V
0.01
0.1
V
IOL = 8mA, VDD = 4.5V
0.25
0.45
V
VOH
Output High Voltage
Except VSTBY On
IOH = –20uA, VDD = 4.5V
4.4
4.49
V
IOH = –2mA, VDD = 4.5V
2.4
3.9
V
VOH1
Output High Voltage
VSTBY On
IOH1 = 1uA
VSTBY –
0.8
V
VSTBY SRAM Stand-by Voltage
2.0
VDD
V
ISTBY
SRAM Stand-by Current
VDD = 0V
0.5
1
uA
IIDLE
Idle Current (VSTBY input)
VDD > VSTBY
–0.1
0.1
uA
VDF
SRAM Data Retention
Voltage
Only on VSTBY
2VDD – 0.2
V
ISB
Stand-by Supply Current
for Power-down Mode
CSI > VDD – 0.3V
(Notes 1,2)
120
250
uA
ILI
Input Leakage Current
VSS < VIN < VDD
–1
±0.1
1
uA
ILO
Output Leakage Current
0.45 < VOUT < VDD
–10
±5
10
uA
ICC
(DC)
(Note
4)
Operating
Supply
Current
PLD Only
PLD_TURBO = Off,
f = 0MHz (Note 4)
0
uA/P
T
PLD_TURBO = On,
f = 0MHz
400
700
uA/P
T
Flash
memory
During Flash memory
WRITE/Erase Only
15
30
mA
Read only, f = 0MHz
0
0
mA
SRAM
f = 0MHz
0
0
mA
ICC
(AC)
(Note
4)
PLD AC Adder
Note 3
Flash memory AC Adder
1.5
2.5
mA/M
Hz
SRAM AC Adder
1.5
3.0
mA/M
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com