Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 271 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 267Page - STMicroelectronics UPSD3422 Datasheet HTML 268Page - STMicroelectronics UPSD3422 Datasheet HTML 269Page - STMicroelectronics UPSD3422 Datasheet HTML 270Page - STMicroelectronics UPSD3422 Datasheet HTML 271Page - STMicroelectronics UPSD3422 Datasheet HTML 272Page - STMicroelectronics UPSD3422 Datasheet HTML 273Page - STMicroelectronics UPSD3422 Datasheet HTML 274Page - STMicroelectronics UPSD3422 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 293 page
background image
uPSD34xx
DC and AC parameters
271/293
Note:
1
BUSCON Register is configured for 4 PFQCLK.
2
Refer to Table 162 on page 271, for “n” and “m” values.
3
Latched address out on Ports A and B to WR is 2ns, minimum.
Table 162.
External clock drive
Table 163.
A/D Analog Specification
Note:
1
fIN 2kHz, ACLK = 8MHz, AVREF = AVCC = 3.3V
2AVREF = AVCC in 52-pin package.
3
If the A/D converter is not used, connect AVCC/AVREF to VCC.
Symbol
Parameter(1)
40MHz Oscillator
Variable Oscillator
1/tCLCL = 3 to 40MHz
Unit
Min
Max
Min
Max
tCLCL
Oscillator period
25
333
ns
tCHCX
High time
10
tCLCL –
tCLCX
ns
tCLCX
Low time
10
tCLCL –
tCLCX
ns
tCLCH
Rise time
10
ns
tCHCL
Fall time
10
ns
Symbol
Parameter
Test Conditions(1)
Min.
Typ.
Max.
Unit
IDD
Normal
Input = AVREF
4.0
mA
Power-down
40
uA
AVIN
Analog Input Voltage
GND
AVREF
V
AVREF
(2)(
3)
Analog Reference Voltage
3.6
V
Accuracy Resolution
10
bits
INL
Integral Nonlinearity
Input = 0 to AVREF (V)
fOSC ≤ 32MHz
±2
LSB
DNL
Differential Nonlinearity
Input = 0 to AVREF (V)
fOSC ≤ 32MHz
±2
LSB
SNR
Signal to Noise Ratio
fSAMPLE = 500ksps
50
54
dB
SNDR
Signal to Noise Distortion
Ratio
48
52
dB
ACLK
ADC Clock
2
8
16
MHz
tC
Conversion Time
8MHz
1
4
8
µs
tCAL
Power-up Time
Calibration Time
16
ms
fIN
Analog Input Frequency
60
kHz
THD
Total Harmonic Distortion
50
54
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com