Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 280 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 280 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 276Page - STMicroelectronics UPSD3422 Datasheet HTML 277Page - STMicroelectronics UPSD3422 Datasheet HTML 278Page - STMicroelectronics UPSD3422 Datasheet HTML 279Page - STMicroelectronics UPSD3422 Datasheet HTML 280Page - STMicroelectronics UPSD3422 Datasheet HTML 281Page - STMicroelectronics UPSD3422 Datasheet HTML 282Page - STMicroelectronics UPSD3422 Datasheet HTML 283Page - STMicroelectronics UPSD3422 Datasheet HTML 284Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 293 page
background image
DC and AC parameters
uPSD34xx
280/293
Table 179.
VSTBYON definitions timing (5V, 3V PSD modules)
Note:
1
VSTBYON timing is measured at VCC ramp rate of 2ms.
Figure 108. ISC timing
Table 180.
ISC timing (5V PSD module)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output
High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON
Output Low
(Note 1)
20
µs
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) Frequency (except for
PLD)
(Note 1)
20
MHz
tISCCH
Clock (TCK, PC1) High Time (except for
PLD)
(Note 1)
23
ns
tISCCL
Clock (TCK, PC1) Low Time (except for
PLD)
(Note 1)
23
ns
tISCCFP Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
4
MHz
tISCCHP Clock (TCK, PC1) High Time (PLD only)
(Note 2)
90
ns
tISCCLP Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
90
ns
tISCPSU ISC Port Set Up Time
7
ns
tISCPH
ISC Port Hold Up Time
5
ns
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com