Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 281 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 281 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 277Page - STMicroelectronics UPSD3422 Datasheet HTML 278Page - STMicroelectronics UPSD3422 Datasheet HTML 279Page - STMicroelectronics UPSD3422 Datasheet HTML 280Page - STMicroelectronics UPSD3422 Datasheet HTML 281Page - STMicroelectronics UPSD3422 Datasheet HTML 282Page - STMicroelectronics UPSD3422 Datasheet HTML 283Page - STMicroelectronics UPSD3422 Datasheet HTML 284Page - STMicroelectronics UPSD3422 Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 293 page
background image
uPSD34xx
DC and AC parameters
281/293
Note:
1
For non-PLD Programming, Erase or in ISC By-pass Mode.
2
For Program or Erase PLD only.
Table 181.
ISC timing (3V PSD module)
Note:
1
For non-PLD Programming, Erase or in ISC By-pass Mode.
2
For Program or Erase PLD only.
Figure 109. MCU module AC measurement I/O waveform
Note:
AC inputs during testing are driven at VCC–0.5V for a logic '1,' and 0.45V for a logic '0.'
Note:
Timing measurements are made at VIH(min) for a logic '1,' and VIL(max) for a logic '0'
tISCPCO ISC Port Clock to Output
21
ns
tISCPZV ISC Port High-Impedance to Valid Output
21
ns
tISCPVZ ISC Port Valid Output to High-Impedance
21
ns
Symbol
Parameter
Conditions
Min
Max
Unit
Symbol
Parameter
Conditions
Min
Max
Unit
tISCCF
Clock (TCK, PC1) Frequency (except for
PLD)
(Note 1)
16
MHz
tISCCH
Clock (TCK, PC1) High Time (except for
PLD)
(Note 1)
40
ns
tISCCL
Clock (TCK, PC1) Low Time (except for
PLD)
(Note 1)
40
ns
tISCCFP Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
4
MHz
tISCCHP Clock (TCK, PC1) High Time (PLD only)
(Note 2)
90
ns
tISCCLP Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
90
ns
tISCPSU ISC Port Set Up Time
12
ns
tISCPH
ISC Port Hold Up Time
5
ns
tISCPCO ISC Port Clock to Output
30
ns
tISCPZV ISC Port High-Impedance to Valid Output
30
ns
tISCPVZ ISC Port Valid Output to High-Impedance
30
ns
AI06650
VCC – 0.5V
0.45V
Test Points
0.2 VCC – 0.1V
0.2 VCC + 0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com