Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP92FD54AI Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 33Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
2006-01-27
92FD54AI-37
TMP92FD54AI
(6) Boot program
When the device is turned on in Single Boot Mode, the boot program starts up. These
functions are detailed in the explanations “1, RAM Transfer command” to “4, Auto Chip
Erase & UnProtect
command) on the following pages.
1. RAM Transfer command
RAM transfer refers to the storing of data received from the controller in the
device’s internal RAM. If the transfer terminates normally, the boot program will
start running the user program. The maximum size of the user program is
26Kbytes, and the address at which program execution starts is the RAM storage
start address.
This RAM transfer function allows unique on-board programming by executing a
rewrite program created by the user. In order for on-board programming to be
executed as part of the user program, the flash memory command sequence
described later in Section 4.5 must be used. The RAM transfer command examines
the result of the password matching check before it starts operation. If the
password is found not to match, RAM transfer is not performed. Once the RAM
transfer command has been completed, access to the entire on-chip RAM is free.
2. Flash Memory SUM command
This command calculates the sum of 512 Kbytes of flash memory and returns the
result. There is no operation command available to the boot program which will
enable it to read data from the entire area of the flash memory. Instead, this flash
memory SUM command must be used. Reading SUM enables revision
management of the application program to be carried out.
3. Product Information Read command
This command returns the product name, information about the device’s memory
and various other details. Specifically, this command returns data from a part of
the flash memory area (addresses 08FEF0H to 08FEF3H). Using this data as well
as the above Flash Memory SUM command enables revision management of the
application program to be carried out.
4. Auto Chip Erase & UnProtect
command
This command erases all the blocks of flash memory. Even when protect function is
effective, all the blocks of flash memory are erased and protect function is
initialized. It is not necessary to perform comparison of a password in this
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com