Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP92FD54AI Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 44Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 45Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 46Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 47Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 48Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
2006-01-27
92FD54AI-45
TMP92FD54AI
4) Auto Chip Erase & UnProtect command (See Table 4.3.47.)
1. The transmitted/received data in the first and second bytes are the same as
for the RAM Transfer command.
2. The data received in the third byte is the operation command data. In this
case it is Auto Chip Erase & UnProtect command data (40H).
3. The data in the fourth byte is the ACK response data returned by the device
for the operation command data in the third byte. The first, the device checks
if the received data in the third byte contains an error. If a Receive error is
found, the device returns the ACK response data for, Communication error
(bit 3) X8H and waits for the next operation command (third byte). The four
high-order bits of the returned ACK response data are undefined. (They are
the four high-order bits of the immediately preceding operation command
data.)
Next, if the data received in the third byte corresponds to one of the operation
command values given in Table 4.3.2, the device echoes back the received data
(the ACK response data for normal reception). In this case the data value 40H
is echoed back and the program branches to the Auto Chip Erase & UnProtect
processing routine. If the received data does not correspond to any operation
command the device returns the ACK response data for an Operation
Command error (bit 0) X1H and waits for the next operation command (third
byte). The four high-order bits of the returned ACK response data are
undefined. (They are the four high-order bits of the immediately preceding
operation command data.)
4. The data in the fifth bytes sent by the device indicates whether collective
erase has terminated normally. When collective erase has terminated
normally, the device returns collective erase terminated normally code (4FH).
If an erase error occurs, the device returns erase error code (4CH).
5. The data in the sixth bytes sent by the device are ACK response data. When
collective erase has terminated normally, the device returns collective erase
ACK response code (B1H).
If an erase error occurs, the device returns erase error ACK response code
(B4H).
6. The data received as the seventh byte is the data value for the next operation
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com