Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP92FD54AI Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
2006-01-27
92FD54AI-39
TMP92FD54AI
to part 7), entitled
The password, on page 50 of subsection 4.3.2 (6), Boot
program. If the received data does not correspond to any operation command,
the device returns the ACK response data for an Operation Command error
(bit 0) X1H and waits for the next operation command (third byte). The four
high-order bits of the returned ACK response data are undefined. (They are
the four high-order bits of the immediately preceding operation command
data.)
5. The data received in bytes 5 to 16 is password data (12 bytes). The data in
bytes 5 to 16 is compared with the data in flash memory address 08FEF4H to
08FEFFH respectively. If the password does not match, the device sets the
Password Error flag.
6. The data received as the 17th byte is checksum data. For details of how to
calculate CHECKSUM data, please refer to part 9), entitled
Calculating
CHECKSUM, on page 51 of subsection 4.3.2 (6), Boot program. The checksum
sent by the controller should be equal to the 2’s complement of the unsigned
8-bit value obtained by summing the value of bytes 5 to 16, ignoring any
overflow.
7. The data in the 18th byte is the ACK response data returned by the device for
the data received as bytes 5 to 17 (the ACK response for the CHECKSUM
value). The device first checks to see whether the data received as bytes 5 to
17 contains any Receive errors. If a Receive error is found, the device returns
the ACK response data for a Communications error (bit 3) 18H and waits for
the next operation command (third byte). The four high-order bits of the
returned ACK response data are the four high-order bits of the immediately
preceding operation command data, so the value of these bits is always 1.
Next, the device checks the CHECKSUM data in the 17th byte. This check is
made to see if the low-order 8-bit value obtained by adding eight bits of the
transmission data to bytes 5 to17 not including the sign (ignoring overflow) is
00H. If the value is not 00H, the device returns the ACK response data for a
CHECKSUM error (bit 0) 11H and waits for the next operation command
(third byte).
Finally, the device examines the result of the password matching check. In the
following cases the device returns ACK response data for a Password error (bit
0) 11H and waits for the next operation command (third byte).
•
Irrespective of the result of the password matching check for bytes 5 to 17,
all 12 bytes of data in the password area will have the same value (a value
other than FFH).
•
None of the password data in bytes 5 to 17 matches the corresponding
flash memory data.
If all data is found to be normal as a result of the above check, the device
returns the ACK response data for normal reception, 10H.
8. The data received as bytes 19 to 22 indicates the start address in RAM in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com