Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP92FD54AI Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 34Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 35Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 36Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 37Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 38Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 39Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 40Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 41Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 42Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
2006-01-27
92FD54AI-38
TMP92FD54AI
1) RAM Transfer command (See Table 4.3.3.)
1. The data in the first byte is used to set the serial operation mode. For details
of how to set the serial operation mode, please refer to part 6), entitled
Determination of Serial Operation mode, on page 47 of subsection 4.3.2 (6),
Boot program. If the serial operation mode is found to be UART Mode, the
device checks to see if the baud rate can be set. So UART receiving function
needs to be disabled (SC1MOD0<RXE> = 0) in the first byte.
•
To communicate in UART Mode
Send the data value 86H from the controller to the target board in UART
mode at the desired baud rate. If the serial operation mode is found to be
UART Mode, the device checks to see whether the baud rate can be set. If
the device finds that the baud rate cannot be set, it stops operation, and
thus can no longer be communicated with.
2. The data in the second byte is the ACK response returned by the device for the
serial operation mode which is set by the data in the first byte. If the data in
the first byte is found to signify UART Mode and the baud rate can be set, the
device will return 86H.
•
UART Mode
The device checks to see if the baud rate can be set. If it is found that the
baud rate can be set, the device rewrites the BR1CR and BR1ADD
registers and returns 86H. If it is found that the baud rate cannot be set,
the device stops operation and hence does not send any information. The
controller sets a time-out time (5 seconds) after it has finished sending the
first byte of data. If the data (86H) cannot be received normally within the
time-out time, the device should be considered unable to communicate.
Reception is enabled (SC1MOD0 <RXE> = 1) before the data (86H) is
written to the transmission buffer.
3. The data received in the third byte is the operation command data. In this
case it is the data for the RAM Transfer command (10H).
4. The data in the fourth byte is the ACK response data returned by the device
for the operation command data in the third byte. The first, the device checks
if the received data in the third byte contains an error. If a Receive error is
found, the device returns the ACK response data for a Communications error
(bit 3) X8H and waits for the next operation command (third byte). The four
high-order bits of the returned ACK response data are undefined. (They are
the four high-order bits of the immediately preceding operation command
data.)
Next, if the data received in the third byte corresponds to one of the operation
command values given in Table 4.3.2, the device echoes back the received data
(the ACK response data for normal reception). In this case the data value 10H
is echoed back and the program branches to the RAM transfer processing
routine. After branching to this routine, the device checks the data in the
password area. For details of how to check the data in the password area, refer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com