Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP92FD54AI Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 17Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 18Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 19Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 20Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 21Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 22Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 23Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 24Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
2006-01-27
92FD54AI-21
TMP92FD54AI
(1-B) Example procedure for when the rewrite routine is transferred from an external source.
(Step 1)
First, the condition (e.g. the pin status) under which the program will enter User Boot Mode must be
set and the I/O bus which the program will use to transfer data must be selected. Then a circuit must be
designed and a corresponding program written. Before mounting this device on the board, the following
two programs must be written into one of the blocks of the flash memory using a programmer or similar
device.
(a) Mode judgment routine: Code to determine when rewriting of the device will commence
(b) Transfer routine:
Program for reading the rewrite program from an external
source
In addition, the programs shown below should be present in the host:
(c) Rewrite routine:
Program for rewriting the flash memory
(d) Copy routine-1:
Code to copy (a) to (d) into the internal RAM or to the external ROM.
(e) Copy routine-2
Code to copy (a) to (d) into the flash memory from the internal RAM
or the external ROM
(Step 2)
The following explanation of the proceeding step assumes that the routines described above have
been included in the Reset processing program. After reset the Reset-processing program must first
determine whether or not the device should enter User Boot Mode. If the condition for entering User
Boot Mode is true, the program must put the device into User Boot Mode, the mode in which to the flash
memory can be rewritten. (Once the device has entered User Boot Mode, no interrupts
⎯ not even
NMIs
⎯ should be used.)
(TMP92FD54AI)
Flash memory
RAM
[Reset-processing program]
(a) Mode judgment routine
Old user
application program
(Controller)
(I/O)
(b) Transfer routine
New user
application program
(c) Rewrite routine
(d) Copy routine-1
(e) Copy routine-2
(TMP92FD54AI)
(Controller)
(I/O)
0
→ 1 RESET
Condition for
determining whether
or not the device
should be put into User
Boot Mode (set
exclusively by the user)
Flash memory
RAM
[Reset-processing program]
(a) Mode judgment routine
Old user
application program
(b) Transfer routine
New user
application program
(c) Rewrite routine
(d) Copy routine-1
(e) Copy routine-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com