Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 159Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 160Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-161
(3) Clock control
Symbol
Name Address
7
6
5
4
3
2
1
0
ALEEN
CLKEN
R/W
0
0
CKOCR
Clock
output
control
register
006DH
ALE pin
control
0: HZ output 1
1: ALE output
CLK pin
control
0: HZ output
1: CLK output
−
−
−
−
−
−
PRCK1
PRCK0
R/W
1
0
1
0
0
0
0
0
SYSCR0
System
clock
control
register 0
006EH
(Note) Always
write “1”.
(Note) Always
write “0”.
(Note) Always
write “1”.
(Note) Always
write “0”.
(Note) Always
write “0”.
(Note) Always
write “0”.
Select prescaler clock
00: fFPH
01: (Reserved)
10: fc/16
11: (Reserved)
−
GEAR2
GEAR1
GEAR0
R/W
0
1
0
0
SYSCR1
System
clock
control
register 1
006FH
(Note) Always
write “0”.
Select gear value of high frequency (fc)
000: fc/1
001: fc/2
010: fc/4
011: fc/8
100: fc/16
101: (Reserved)
110: (Reserved)
111: (Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com