| Electronic Components Datasheet Search |
|
TMP93CS32F Datasheet(PDF) 99 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F Datasheet(HTML) 99 Page - Toshiba Semiconductor |
|
99 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-97 TREG4 timer register is of double buffer structure, which is paired with register buffer. The timer control register T45CR<DB4EN> controls whether the double buffer structure should be enabled or disabled: disabled when <DB4EN> = 0, while enabled when <DB4EN> = 1. When the double buffer is enabled, the timing to transfer data from the register buffer to the timer register is at the match between the up counter (UC4) and timer register TREG5. After reset, TREG4 and TREG5 are undefined. To use the 16-bit timer after reset, data should be written beforehand. When reset, it will be initialized to <DB4EN> = 0, whereby the double buffer is disabled. To use the double buffer, write data in the timer register, set <DB4EN> = 1, and then write the following data in the register buffer. TREG4 and register buffer are allocated to the same memory addresses 000030H/000031H. When <DB4EN> = 0, same value will be written in both the timer register and register buffer. When <DB4EN> = 1, the value is written into only the register buffer. To write the initial-value to the timer register, the register buffer should be disabled. (4) Capture register These 16-bit registers are used to latch the values of the up counter. Data in the capture registers should be read all 16 bits. For example, using a 2-byte data load instruction or two 1 byte data load instruction, from the lower 8 bits followed by the upper 8 bits. CAP 1 to CAP4 are read-only registers, so these registers cannot be written by software. CAP 1 Timer 4 Upper 8 bits Lower 8 bits 000035H 000034H CAP 2 Upper 8 bits Lower 8 bits 000037H 000036H CAP 3 Timer 5 Upper 8 bits Lower 8 bits 000045H 000044H CAP 4 Upper 8 bits Lower 8 bits 000047H 000046H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |