Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 98Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 99Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 100Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 101Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 102Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 103Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-100
(3) 16-bit programmable pulse generation (PPG) output mode
Square wave pulse can be generated at any frequency and duty by timer 4. The output
pulse may be either low-active or high-active.
The PPG mode is obtained by inversion of the timer flip-flop TFF4 that is to be enabled
by the match of the up counter UC4 with the timer register TREG4 or TREG5 and to be
output to TO4 (also used as P44). In this mode, the following conditions must be satisfied.
(Set value of TREG4)
< (Set value of TREG5)
Figure 3.8.10 Programmable Pulse Generation (PPG) Output Waveforms
When the double buffer of TREG4 is enabled in this mode, the value of register buffer 4
will be shifted in TREG4 at match with TREG5. This feature makes easy the handling of
low duty waves.
Figure 3.8.11 Operation of Register Buffer
Match with TREG4
(Interrupt INTTR4)
Match with TREG5
(Interrupt INTTR5)
TO4 pin
Q2
Q1
Match with TREG4
Q3
Q2
Up counter
= Q1
Up counter
= Q2
Shift into the TREG5
TREG4
(Value to be
compared)
Register buffer
Match with TREG5
Write into the TREG4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com