Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-25
3.4.1
General-Purpose Interrupt Processing
When accepting an interrupt, the CPU operates as follows. In the cases of software
interrupts or interrupts generated by the CPU because of attempts to execute illegal
instructions, the following steps (1) and (3) are not executed.
(1) The CPU reads the interrupt vector from the interrupt controller. When more than one
interrupt with the same level is generated simultaneously, the interrupt controller
generates interrupt vectors in accordance with the default priority (which is fixed as
follows: the smaller the vector value, the higher the priority), then clears the interrupt
request.
(2) The CPU pushes the program counter and the status register to the system stack area
(Area indicated by the system mode stack pointer (XSP)).
(3) The CPU sets a value in the CPU interrupt mask register <IFF2:0> that is higher by 1
than the value of the accepted interrupt level. However, if the value is 7, 7 is set
without an increment.
(4) The CPU increments the INTNEST (Interrupt nesting counter).
(5) The CPU jumps to address stored at FFFF00H
+ interrupt vector, then starts the
interrupt processing routine.
The following diagram shows all the above processing state number.
Bus Width of
Stack Area
Bus Width of
Interrupt
Vector Area
Interrupt Processing State
Number
8 bits
35
8 bits
16 bits
31
8 bits
29
16 bits
16 bits
25
To return to the main routine after completion of the interrupt processing, the “RETI”
instruction is usually used. Executing this instruction restores the contents of the program
counter and the status registers and decrements INTNEST (Interrupt nesting counter).
Though acceptance of non-maskable interrupts cannot be disabled by program,
acceptance of maskable interrupts can. A priority can be set for each source of maskable
interrupts. The CPU accepts an interrupt request with a priority higher than the value in
the CPU mask register <IFF2:0>. The CPU mask register <IFF2:0> is set to a value higher
by 1 than the priority of the accepted interrupt. Thus, if an interrupt with a level higher
than the interrupt being processed is generated, the CPU accepts the interrupt with the
higher level, causing interrupt processing to nest.
The interrupt request with a priority higher than the accepted now interrupt during the
CPU is processing above (1) to (5) is accepted before the 1’st instruction in the interrupt
processing routine, causing interrupt processing to nest. (This is the same case of over
lapped each Non-maskable interrupt (level 7).) (Non-maskable interrupts (level 7) can be
accepted, causing interrupt processing to rest.)
The CPU does not accept an interrupt request of the same level as that of the interrupt
being processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com