| Electronic Components Datasheet Search |
|
TMP93CS45 Datasheet(PDF) 35 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 Datasheet(HTML) 35 Page - Toshiba Semiconductor |
|
35 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-33 3.4.1 General-purpose Interrupt Processing When accepting an interrupt, the CPU operates as follows. In the cases of software interrupts or interrupts generated by the CPU because of attempts to execute illegal instructions, the following steps (1) and (3) are not executed. (1) The CPU reads the interrupt vector from the interrupt controller. When more than one interrupt with the same level is generated simultaneously, the interrupt controller generates interrupt vectors in accordance with the default priority (which is fixed as follows: The smaller the vector value, the higher the priority), then clears the interrupt request. (2) The CPU pushes the program counter and the status register to the system stack area (Area indicated by the system mode stack pointer (XSP)). (3) The CPU sets a value in the CPU interrupt mask register <IFF2:0> that is higher by 1 than the value of the accepted interrupt level. However, if the value is 7, 7 is set without an increment. (4) The CPU increments the INTNEST (Interrupt nesting counter). (5) The CPU jumps to address stored at FFFF00H + interrupt vector, then starts the interrupt processing routine. The following diagram shows all the above processing state number. Bus Width of Stack Area Bus Width of Interrupt Vector Area Interrupt Processing State Number 8 bits 35 8 bits 16 bits 31 8 bits 29 16 bits 16 bits 25 To return to the main routine after completion of the interrupt processing, the RETI instruction is usually used. Executing this instruction restores the contents of the program counter and the status registers and decrements INTNEST (Interrupt nesting counter). Though acceptance of non-maskable interrupts cannot be disabled by program, acceptance of maskable interrupts can. A priority can be set for each source of maskable interrupts. The CPU accepts an interrupt request with a priority higher than the value in the CPU mask register <IFF2:0>. The CPU mask register <IFF2:0> is set to a value higher by 1 than the priority of the accepted interrupt. Thus, if an interrupt with a level higher than the interrupt being processed is generated, the CPU accepts the interrupt with the higher level, causing interrupt processing to nest. The interrupt request with a priority higher than the accepted now interrupt during the CPU is processing above (1) to (5) is accepted before the 1’st instruction in the interrupt processing routine, causing interrupt processing to nest. (This is the same case of over lapped each non-maskable interrupt (level 7).) The CPU does not accept an interrupt request of the same level as that of the interrupt being processed. Resetting initializes the CPU mask registers <IFF2:0> to 7; therefore, maskable interrupts are disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |