Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 11Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 12Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 13Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 14Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-13
3.3
Dual Clock, Standby Function
Dual clock, standby control circuits consist of (1) System clock controller, (2) Prescaler clock
controller and (3) Standby controller.
The oscillator operating mode is classified to (a) Single clock mode (Only X1 and X2 pin), and
(b) Dual clock mode (X1, X2, XT1 and XT2 pin).
Figure 3.3.1 shows a transition figure. Figure 3.3.2 shows the block diagram. Figure 3.3.3
shows I/O registers. Table 3.3.1 shows the internal operation and system clock.
Figure 3.3.1 Transition Figure
The clock frequency input from X1, X2 pin is called fc and the clock frequency input from
XT1, XT2 pin is called fs. The clock frequency selected by SYSCR1<SYSCK> is called
system clock fFPH. The devided clock of fFPH is called system clock fSYS, and the 1 cycle of
fSYS, is called 1 state.
(a) Single clock mode transition figure
(b) Dual clock mode transition figure
Reset
NORMAL mode
(fc/gear value/2)
Release reset
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
IDLE1 mode
(Operates only osciIIator)
Instruction
Interrupt
Interrupt
Instruction
Interrupt
STOP mode
(Stops all circuits)
Instruction
Instruction
Interrupt
Reset
NORMAL mode
(fc/gear value/2)
Release reset
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
IDLE1 mode
(Operates only oscillator)
Instruction
Interrupt
Interrupt
Instruction
Interrupt
STOP mode
(Stops all circuits)
Instruction
Interrupt
SLOW mode
(fs/2)
RUN mode
(Stops only CPU)
IDLE2 mode
(Stops CPU and AD)
IDLE1 mode
(Operates only oscillator)
Instruction
Interrupt
Interrupt
Instruction
Interrupt
Instruction
Instruction
Instruction
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com