Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 28Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 29Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 30Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 31Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-26
(3) Operation
1. RUN mode
In the RUN mode, the system clock continues to operate even after a HALT
instruction is executed.
Only the CPU stops executing the instruction. In the halt state, an interrupt
request is sampled with the falling edge of the “CLK” signal.
Releasing the RUN mode is executed by the external/internal interrupts. (See
Table 3.3.5 “Halt Releasing Source and Halt Releasing Operation”.)
Figure 3.3.6 shows the interrupt timing for releasing the halt state by
interrupts in the RUN/IDLE2 mode.
Figure 3.3.6 Timing Chart for Releasing the Halt State by Interrupt in RUN/IDLE2
Modes
2. IDLE2 mode
In the IDLE2 mode, the system clock is supplied to only specific internal I/O
devices, and the CPU stops executing the current instruction.
In the IDLE2 mode, the halt state is released by an interrupt with the same
timing as in the RUN mode. The IDLE2 mode is released by external/internal
interrupt, except INTWDT/INTAD interrupts. (See Table 3.3.5 “Halt Releasing
Source and Halt Releasing Operation”.)
In the IDLE2 mode, the watchdog timer should be disabled before entering the
halt status to prevent the watchdog timer interrupt occurring just after releasing
the HALT mode.
Address
Data
Address
Address
Data
RUN/IDLE2
mode
X1
CLK
A0 to A23
ALE
AD0 to AD15
RD
WR
NMI
INT0
(Level)
INT1, INT4 to INT7
(Rising edge)
INT4, INT6
(Falling edge)
Internal INT
Address
+ 2
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com