Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 70Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 71Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 72Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 73Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-72
3.6
Bus Width/Wait Controller and AM8/ AM16 Pin
TMP93CS44/S45 have a built-in controller used to control wait ( WAIT pin) and data bus size
(8 or 16 bits) for any of the three block address areas.
And AM8/ AM16 pin selects external data bus width for TMP93CS45.
3.6.1
AM8/ AM16 pin
(1) TMP93CS44
Set this pin to “H”. After reset, the CPU accesses the internal ROM with 16-bit bus
width. The bus width when the CPU accesses an external area is set by the bus
width/wait control register (Described at 3.6.3) and the registers of Port 1. (The value 1
of this pin is ignored and the value set by register is active.)
(2) TMP93CS45
1. With fixed external 16-bit data bus and external 16-bit data bus or 8-bit data bus
is selectable
Set this pin to “L”. Port1, AD8 to AD15 and A8 to A15 pins are fixed to AD8 to
AD15 functions. The values set in port 1 control register and port 1 function
register are invalid.
The external data bus width is set by the bus width/wait control register which
is described in section 3.6.3.
It is necessary to set the program memory to be accessed to 16-bit data bus after
reset.
2. With fixed external 8-bit data bus
Set this pin to “H”. Port1, AD8 to AD15 and A8 to A15 pins are fixed to A8 to
A15 functions. The values set in port 1 control register and port 1 function register
are invalid.
The values of bit4: <B0BUS>, <B1BUS>, and <B2BUS>, in the bus width/wait
control register described in section 3.6.3 are invalid. The external 8-bit data bus
is fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com