Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-55
Port 0 Register
7
6
5
4
3
2
1
0
Bit symbol
P07
P06
P05
P04
P03
P02
P01
P00
P0
(0000H)
Read/Write
R/W
After reset
Input mode (Output latch register becomes undefined.)
Port 0 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P07C
P06C
P05C
P04C
P03C
P02C
P01C
P00C
P0CR
(0002H)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
0: Input 1: Output (at external access, port 0 becomes AD7 to AD0 and P0CR is set to “0”.)
Prohibit
read-
modify-
write
Port 1 Register
7
6
5
4
3
2
1
0
Bit symbol
P17
P16
P15
P14
P13
P12
P11
P10
P1
(0001H)
Read/Write
R/W
After reset
Input mode (Output latch register is set to “0”.)
Port 1 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P17C
P16C
P15C
P14C
P13C
P12C
P11C
P10C
P1CR
(0004H)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
<<See P1FC below.>>
Prohibit
read-
modify-
write
Port 1 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P17F
P16F
P15F
P14F
P13F
P12F
P11F
P10F
P1FC
(0005H)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
P1FC/P1CR
= 00: Input 01: Output 10: AD15 to AD8 11: A15 to A8
Prohibit
read-
modify-
write
Note: <P1XF> is bit X in register P1FC; <P1XC>, in register P1CR.
Figure 3.5.3 Registers for Port 0 and Port 1
Port 0 I/O setting
0
Input
1
Output
Port 1 function setting
P1FC<P1XF>
P1CR
<P1XC>
0
1
0
Input port
Address data bus
(AD15 to AD8)
1
Output port
Address bus
(A15 to A8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com