Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 122 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 122 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 118Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 119Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 120Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 121Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 122Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 123Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 124Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 126Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-120
4. Time difference measurement
This mode is used to measure the difference in time between the rising edges of
external pulses input through TI4 and TI5.
Keep the 16-bit timer/event counter (Timer 4) counting (Free running) with the
internal clock, and load the UC4 value into CAP1 at the rising edge of the input
pulse to TI4. Then the interrupt INT4 is generated.
Similarly, the UC4 value is loaded into CAP2 at the rising edge of the input
pulse to TI5, generating the interrupt INT5.
The time difference between these pulses can be obtained from the difference
between the time counts at which loading the up counter value into CAP1 and
CAP2 was performed. (
= (CAP2 − CAP1) × the internal clock cycle.)
Figure 3.8.17 Time Difference Measurement
C1
C2
TI4 pin input
Loading UC16 into CAP2
Count clock
(Internal clock)
INT4
INT5
Time difference
Loading UC16 into CAP1
TI5 pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com