Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 165 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 165 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 161Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 162Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 163Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 164Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 165Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 166Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 167Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 168Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 169Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-163
(4) Stop condition generation
When SBISR<BB> is 1, a sequence of generating a stop condition is started by
writing 1 to SBICR2<MST, TRX, PIN>, and 0 to <BB>. Do not modify the contents of
<MST, TRX, BB, PIN> until the stop condition is generated on the bus. When
SBICR2<MST, TRX, PIN> are written “1” and <BB> is written “0” (generate stop
condition in master mode), <BB> changes to “0” by internal SCL changes to “1”,
without waiting stop condition. To check whether SCL and SDA pin are “1” by sensing
their ports is needed to detect bus free condition.
Figure 3.10.16 Stop Condition Generation
Stop condition
Internal SCL
SDA pin
<PIN>
<BB> (Read)
“1”
→ <MST>
“1”
→ <TRX>
“0”
→ <BB>
“1”
→ <PIN>
SCL pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com