Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 178Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 179Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 180Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 181Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 182Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 183Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 184Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 185Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-180
(4) AD conversion modes and completion interrupt
Follow the four AD conversion modes are supported.
•
Fixed channel single conversion mode
•
Channel scan single conversion mode
•
Fixed channel repeat conversion mode
•
Channel scan repeat conversion mode
AD conversion mode can selected by setting AD mode control register
ADMOD0<REPET, SCAN>.
When AD conversion end, AD conversion completion interrupt INTAD request
occurs. And the ADMOD0<EOCF> flag is set to 1 to indicate that AD conversion has
completed.
1. Fixed channel single conversion mode
Fixed channel single conversion mode can be specified by setting
ADMOD0<REPET, SCAN> to 00.
In this mode, conversion of the specified single channel is executed once only.
After conversion is completed, ADMOD0<EOCF> is set to 1, ADMOD0<ADBF> is
cleared to 0 and occurs INTAD interrupt request.
2. Channel scan single conversion mode
Channel scan single conversion mode can be specified by setting
ADMOD0<REPET, SCAN> to 01.
In this mode, conversion of the specified channel are executed once only. After
conversion is completed, ADMOD0<EOCF> is set to 1, ADMOD0<ADBF> is
cleared to 0 and occurs INTAD interrupt request.
3. Fixed channel repeat conversion mode
Fixed channel repeat conversion mode can be specified by setting
ADMOD0<REPET, SCAN> to 10.
In this mode, conversion of the specified single channel is executed repeatedly.
After conversion is completed, ADMOD0<EOCF> is set to 1, ADMOD0<ADBF>
remains 1 not changed to 0. The timing of INTAD interrupt request can selected
by setting of ADMOD0<ITM0>.
When <ITM0> is set to 0, interrupt request occurs after every conversion.
When <ITM0> is set to 1, interrupt request occurs after every fourth
conversion.
4. Channel scan repeat conversion mode
Channel scan repeat conversion mode can be specified by setting
ADMOD0<REPET, SCAN> to 11.
In this mode, specified channels are converted repeatedly. After every scan
convert completion, ADMOD0<EOCF> is set to 1 and INTAD interrupt request
occurs. ADMOD0<ADBF> remains 1, not changed to 0.
To stop the repeat conversion mode (3. and 4.), write 0 to ADMOD0<REPET>.
After the current conversion is completed, repeat conversion mode is terminated,
and ADMOD0<ADBF> is cleared to 0.
If the device enters the IDLE2, IDLE1 or STOP modes during AD conversion,
the conversion halt immediately. After the halt mode is released, AD conversion
restarts from the beginning in repeat conversion mode (3. and 4.), it does not
restart in single conversion mode (1. and 2.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com