Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS45 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 194Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 195Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 196Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 197Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 198Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 199Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 200Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 201Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-196
4.5
AD Conversion Characteristics
AVCC = VCC, AVSS = VSS
Parameter
Symbol
Power Supply
Min
Typ.
Max
Unit
VCC = 5 V ± 10%
VCC − 0.2 V
VCC
VCC
Analog reference voltage (
+ )
VREFH
VCC = 3 V ± 10%
VCC − 0.2 V
VCC
VCC
VCC = 5 V ± 10%
VSS
VSS
VSS + 0.2 V
Analog reference voltage (
− )
VREFL
VCC = 3 V ± 10%
VSS
VSS
VSS + 0.2 V
Analog input voltage range
VAIN
VREFL
VREFH
V
VCC = 5 V ± 10%
0.5
1.5
Analog current for analog reference
voltage
<VREFON>
= 1
VCC = 3 V ± 10%
0.3
0.9
mA
<VREFON>
= 0
IREF
(VREFL =
0 V)
VCC = 2.7 to 5.5 V
0.02
5.0
µA
VCC = 5 V ± 10%
±1.0
±3.0
Error
(except quantization errors)
−
VCC = 3 V ± 10%
±1.0
±5.0
LSB
Note 1: 1LSB = (VREFH − VREFL)/2
10 [V]
Note 2: The operation above is guaranteed for fFPH ≥ 4 MHz.
Note 3: The value ICC includes the current which flows through the AVCC pin.
4.6
Event Counter Input Clock (External input clock: TI0, TI4, TI5, TI6, TI7)
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Clock cycle
tVCK
8X
+ 100
740
500
ns
Low level clock pulse width
tVCKL
4X
+ 40
360
240
ns
High level clock pulse width
tVCKH
4X
+ 40
360
240
ns
4.7
Interrupt and Capture Operation
(1) NMI and INT0 interrupts
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
NMI
, INT0 low level pulse width
tINTAL
4X
320
200
ns
NMI
, INT0 high level pulse width
tINTAH
4X
320
200
ns
(2) INT1, INT4 to INT7 interrupts and capture
Variable
12.5 MHz
20 MHz
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
INT1, INT4 to INT7 low level pulse
width
tINTBL
4X
+ 100
420
300
ns
INT1, INT4 to INT7 high level pulse
width
tINTBH
4X
+ 100
420
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com