Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38FG Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 29Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 30Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 31Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 32Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 33Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 34Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 35Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 36Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-33
1.6
Reset Circuit
The TMP88CS38/CM38A/CP38A has four types of reset generation procedures : an external
reset input, an address trap reset output, a watchdog timer reset output and a system clock
reset output. Table 1.6.1 shows on-chip hardware initialization by reset action.
The malfunction reset output circuit such as watchdog timer reset, address trap reset and
system clock reset is not initialized when power is turned on. The RESET pin can output level
“L” at the maximum 24/fc [s] (1.5
μs at 16 MHz) when power is turned on.
Table 1.6.1 Initializing Internal Status by Reset Action
On-chip Hardware
Initial Value
On-chip Hardware
Initial Value
Program counter
(PC)
(FFFFEH to FFFFCH)
Stack pointer
(SP)
Not initialized
General-purpose registers
(W, A, B, C, D, E, H, L)
Not initialized
Prescaler and divider of timing
generator
0
Register bank selector
(RBS)
0
Jump status flag
(JF)
1
Watchdog timer
Enable
Zero flag
(ZF)
Not initialized
Carry flag
(CF)
Not initialized
Half carry flag
(HF)
Not initialized
Sign flag
(SF)
Not initialized
Overflow flag
(VF)
Not initialized
Interrupt master enable flag
(IMF)
0
Output latches of I/O ports
Refer to I/O port
circuitry
Interrupt individual enable flags
(EF)
0
Interrupt latches
(IL)
0
Control registers
Refer to each of
control register
−
−
RAM
Not initialized
1.6.1
External Reset Input
The RESET pin contains a Schmitt trigger (Hysteresis) with an internal pull-up resistor.
When the RESET pin is held at “L” level for at least 3 machine cycles (12/fc [s]) with the
power supply voltage within the operating voltage range and oscillation stable, a reset is
applied and the internal state is initialized.
When the RESET pin input goes high, the reset operation is released and the program
execution starts at the vector address stored at addresses FFFFCH to FFFFEH.
Figure 1.6.1 Reset Circuit
Sink open drain
Reset input
RESET
VDD
Malfunction
reset output
circuit
Watchdog timer reset
Address trap reset
System clock reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com