Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38FG Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 80Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 81Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 82Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 83Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 84Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 85Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 86Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 87Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-84
2.8.2
Control
The timer/counter 4 is controlled by a timer/counter 4 control register (TC4CR) and an
8-bit timer register 4 (TC4DR). Reset does not affect TC4DR.
7
6
5
4
3
2
1
0
TC4DR
(0001BH)
Write only (Initial value: 1111 1111)
7
6
5
4
3
2
1
0
TC4CR
(0001CH)
TC4S
TC4CK
TC4M
Write only (Initial value: **00 0000)
TC4S
TC4 start control
00: Timer/event counter mode
01: Reserved
10: Reserved
11: Reserved
NORMAL, IDLE mode
DV1CK
= 0
DV1CK
= 1
000
fc/2
11
fs/2
12
001
fc/2
7
fs/2
8
010
fc/2
5
fs/2
6
011
fc/2
3
fs/2
4
100
Reserved
Reserved
101
Reserved
Reserved
110
Reserved
Reserved
TC4CK
TC4 source clock select [Hz]
(Note 4)
111
External clock (TC4 pin input)
TC4M
TC4 operating mode select
00: Timer/event counter mode
01: Reserved
10: Reserved
11: Reserved
R/W
Note 1:
fc: High-frequency clock [Hz], *; Don’t care
Note 2:
Values to be loaded to the timer register must satisfy the following condition (1
≤ TC4DR ≤ 255).
Note 3:
When the TC4 is started (TC4S
= 0 → 1) or disabled (TC4S = 1 → 0) or while the TC4 is operating (TC4S =
1
→ 1), do not write to TC4M and TC4CK in TC4CR. If these registers are selected/changed during these
operations, counting up is not performed properly.
Note 4:
When STOP mode is started, timer counter is stopped and cleared. Set TC4S to “1” after STOP mode is
released for restarting timer counter.
Note 5:
Undefined values are read from bits 6 and 7 of TC4CR.
Note 6:
Do not change TC4DR while the TC4 is operating.
7
6
5
4
3
2
1
0
PMPXCR
(00027H)
“0”
CHS
TC4ES (TC3ES)
(Initial value: 00** **00)
TC4ES
TC4 edge select
0: Rising edge
1: Falling edge
Write
only
Note 1:
TC4CR, TC4DR and PMPXCR are write only register and must not be used with any of the
read-modify-write instructions such as SET, CLR, etc.
Figure 2.8.2 Timer Register 4 and TC4 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com