Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38FG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 41Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 42Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 43Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 44Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 45Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 46Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 47Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 48Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-45
When reading an I/O port except programmable I/O ports, whether the pin input data or the
output latch contents are read depends on the instructions, as shown below:
(1) Instructions that read the output latch contents
1. XCH r, (src)
2. SET/CLR/CPL (src).b
3. SET/CLR/CPL (pp).g
4. LD (src).b, CF
5. LD (pp).b, CF
6. ADD/ADDC/SUB/SUBB/AND/OR/XOR (src), n
7. (src) side of ADD/ADDC/SUB/SUBB/AND/OR/XOR (src), (HL)
(2) Instructions that read the pin input data
1. Instructions other than the above (1)
2. (HL) side of ADD/ADDC/SUB/SUBB/AND/OR/XOR (src), (HL)
2.2.1
Port P2 (P20)
Port P2 is a 1bit input/output port. It is also used as an external interrupt input, and a
STOP mode release signal input. When used as an input port, or a secondary function pin,
the output latch should be set to “1”. During reset, the output latch is initialized to “1”.
It is recommended that pin P20 should be used as an external interrupt input, a STOP
mode release signal input, or an input port. If used as an output port, the interrupt latch is
set on the falling edge of the P20 output pulse.
When a read instruction for port P2 is executed, bits 7 to 1 in P2 are read in as undefined
data.
7
6
5
4
3
2
1
0
P2
(00002H)
P20
5
INT
STOP
(Initial value: **** ***1)
Note:
*: Don’t care
Figure 2.2.2 Port P2
Data input
SET/CLR/CPI/others
D
Q
STOP
OUTEN
Data input
Control input
Output latch
P20 (
5
INT
/ STOP )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com