Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38FG Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP88CS38FG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38FG Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP88CS38FG Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 99Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 100Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 101Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 102Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 103Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 104Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 105Page - Toshiba Semiconductor TMP88CS38FG Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-102
2.9.9
Clocked-synchronous 8-Bit SIO Mode Control
The following registers are used to control the serial bus interface (SBI) and monitor the
operation in the clocked-synchronous 8-bit SIO mode.
Serial Bus Interface Control Register A
7
6
5
4
3
2
1
0
SBICRA
(00020H)
SIOS
SIOINH
SIOM
“0”
SCK
(Initial value: 0000 *000)
SIOS
Indicate transfer start/stop
0: Stop
1: Start
SIOINH
Continue/abort transfer
0: Continue transfer
1: Abort transfer (Automatically cleared after abort)
SIOM
Transfer mode select
00: 8-bit transmit mode
01: Reserved
10: 8-bit transmit/receive mode
11: 8-bit receive mode
DV1CK
= 0
DV1CK
= 1
SCK
Serial clock selection
(at fc
= 16 MHz, Output on SCK
pin)
000: 1000.0 kHz
001:
500.0 kHz
010:
250.0 kHz
011:
125.0 kHz
100:
62.5 kHz
101:
31.2 kHz
110:
15.6 kHz
111: External clock
(Input from SCK pin)
000:
500.0 kHz
001:
250.0 kHz
010:
125.0 kHz
011:
62.5 kHz
100:
31.2 kHz
101:
15.6 kHz
110:
7.8 kHz
111: External clock
(Input from SCK pin)
Write
only
Note 1:
fc: High-frequency clock [Hz], *: Don’t care
Note 2:
Clear the SIOS to “0” and set the SIOINH to “1” when setting the transfer mode and serial clock.
Note 3:
SBICRA is write-only register and cannot be used with any of read-modify-write instructions such as bit
manipulation, etc.
Serial Bus Interface Data Register
7
6
5
4
3
2
1
0
SBIDBR
(00021H)
(Initial value: **** ****)
R/W
Note1 :
The data which was written into SBIDBR cannot be read, since a write buffer and a read buffer are
independent in SBIDBR. Therefore, SBIDBR cannot be used with any of read-modify-write instructions
such as bit manipulation, etc.
Note 2: *: Don’t care
Serial Bus Interface Control Register B
7
6
5
4
3
2
1
0
SBICRB
(00023H)
“0”
“0”
“0”
“1”
SBIM
SWRST1 SWRST0
(Initial value: **** 0000)
SBIM
Serial bus interface operation
mode selection
00: Port mode (Serial bus interface output disable)
01: SIO mode
10: I
2C bus mode
11: Reserved
SWRST1
SWRST0
Software reset start bit
Software reset starts by first writing “10” and next writing “01”
Write
only
Note 1:
*: Don’t care
Note 2:
Switch a mode to port after data transfer is complete.
Note 3:
Switch a mode to I
2C bus mode or clock synchronous 8-bit SIO mode after confirming that the port is high
level.
Note 4:
SBICRB is a write-only register and cannot be used with any of read-modify-write instructions such as bit
manipulation, etc.
Note 5:
Clear bit7 to 5 in SBICRB to “0”, and set bit4 to “1”.
Note 6:
When the SWRST (Bit1, 0 in SBICRB) is written to “01”, “10”, software reset is occurred.
This time, control the serial bus interface and monitor the operation status registers except the SBIM (Bit3,
2 in SBICRB) and the CHS (Bit6 in PMPXCR) are reseted.
Control the serial bus interface and monitor the operation status registers are SBICRA, SBICRB, SBIDBR,
I2CAR, SBISRA, SBISRB, SCCRA, SCCRB and SCSR.
Figure 2.9.19 Control Register/Data Buffer Register/Status Register in SIO Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com