Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 252 page
background image
Page 160
16. Synchronous Serial Interface (SIO2)
16.2 Control
TMP86FS64FG
16.2 Control
The serial interface is controlled by SIO control registers (SIO2CR1/SIO2CR2). The serial interface status can be
determined by reading SIO status register (SIO2SR).
The transmit and receive data buffer is controlled by the SIO2CR2<BUF>. The data buffer is assigned to address
0F98H to 0F9FH for SIO in the DBR area, and can continuously transfer up to 8 words (bytes or nibbles) at one
time. When the specified number of words has been transferred, a buffer empty (in the transmit mode) or a buffer full
(in the receive mode or transmit/receive mode) interrupt (INTSIO2) is generated.
When the internal clock is used as the serial clock in the 8-bit receive mode and the 8-bit transmit/receive mode, a
fixed interval wait can be applied to the serial clock for each word transferred. Four different wait times can be
selected with SIO2CR2<WAIT>.
Note 1: fc; High-frequency clock [Hz], fs; Low-frequency clock [Hz]
Note 2: Set SIOS to "0" and SIOINH to "1" when setting the transfer mode or serial clock.
Note 3: SIO2CR1 is write-only register, which cannot access any of in read-modify-write instruction such as bit operate, etc.
SIO Control Register 1
SIO2CR1
76543
210
(0FB4H)
SIOS
SIOINH
SIOM
SCK
(Initial value: 0000 0000)
SIOS
Indicate transfer start / stop
0:
Stop
Write
only
1:
Start
SIOINH
Continue / abort transfer
0:
Continuously transfer
1:
Abort transfer (Automatically cleared after abort)
SIOM
Transfer mode select
000:
8-bit transmit mode
010:
4-bit transmit mode
100:
8-bit transmit / receive mode
101:
8-bit receive mode
110:
4-bit receive mode
Except the above: Reserved
SCK
Serial clock select
NORMAL1/2, IDLE1/2 mode
SLOW1/2
SLEEP1/2
mode
Write
only
DV7CK = 0
DV7CK = 1
DV1CK = 0 DV1CK = 1 DV1CK = 1 DV1CK = 1
000
fc/215
fc/216
fs/27
fs/27
fs/27
001
fc/28
fc/29
fc/28
fc/29
-
010
fc/27
fc/28
fc/27
fc/28
-
011
fc/26
fc/27
fc/26
fc/27
-
100
fc/25
fc/26
fc/25
fc/26
-
101
fc/24
fc/25
fc/24
fc/25
-
110
Reserved
111
External clock (Input from SCK2 pin )
SIO Control Register 2
SIO2CR2
76
54321
0
(0FB5H)
WAIT
BUF
(Initial value: ***0 0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com