Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 252 page
background image
Page 164
16. Synchronous Serial Interface (SIO2)
16.6 Transfer Mode
TMP86FS64FG
An INTSIO2 interrupt is generated when the specified number of words has been transferred. If the number of
words is to be changed during transfer, the serial interface must be stopped before making the change. The number of
words can be changed during automatic-wait operation of an internal clock. In this case, the serial interface is not
required to be stopped.
Figure 16-6 Number of words to transfer (Example: 1word = 4bit)
16.6 Transfer Mode
SIO2CR1<SIOM> is used to select the transmit, receive, or transmit/receive mode.
16.6.1 4-bit and 8-bit transfer modes
In these modes, firstly set the SIO control register to the transmit mode, and then write first transmit data
(number of transfer words to be transferred) to the data buffer registers (DBR).
After the data are written, the transmission is started by setting SIO2CR1<SIOS> to “1”. The data are then
output sequentially to the SO pin in synchronous with the serial clock, starting with the least significant bit
(LSB). As soon as the LSB has been output, the data are transferred from the data buffer register to the shift
register. When the final data bit has been transferred and the data buffer register is empty, an INTSIO2 (Buffer
empty) interrupt is generated to request the next transmitted data.
When the internal clock is used, the serial clock will stop and an automatic-wait will be initiated if the next
transmitted data are not loaded to the data buffer register by the time the number of data words specified with
the SIO2CR2<BUF> has been transmitted. Writing even one word of data cancels the automatic-wait; there-
fore, when transmitting two or more words, always write the next word before transmission of the previous
word is completed.
Note:Automatic waits are also canceled by writing to a DBR not being used as a transmit data buffer register; there-
fore, during SIO do not use such DBR for other applications. For example, when 3 words are transmitted, do
not use the DBR of the remained 5 words.
a1
a2
a3
a0
a1
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
a0
a1
a0
a2
a3
b0
b1
b2
b3
c0
c1
c2
c3
(a) 1 word transmit
(b) 3 words transmit
(c) 3 words receive
SO2 pin
INTSIO2 interrupt
INTSIO2 interrupt
INTSIO2 interrupt
SO2 pin
SI2 pin
SCK2 pin
SCK2 pin
SCK2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com