Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 180 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 180 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 184Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 252 page
background image
Page 168
16. Synchronous Serial Interface (SIO2)
16.6 Transfer Mode
TMP86FS64FG
When an external clock is used, the shift operation is synchronized with the external clock; therefore, it is
necessary to read the received data and write the data to be transmitted next before starting the next shift oper-
ation. When an external clock is used, the transfer speed is determined by the maximum delay between genera-
tion of an interrupt request and the received data are read and the data to be transmitted next are written.
The transmit/receive operation is ended by clearing SIO2CR1<SIOS> to “0” or setting SIO2CR1<SIOINH> to
“1” in INTSIO2 interrupt service program.
When SIO2CR1<SIOS> is cleared, the current data are transferred to the buffer. After SIO2CR1<SIOS>
cleared, the transmitting/receiving is ended at the time that the final bit of the data has been transmitted.
That the transmitting/receiving has ended can be determined from the status of SIO2SR<SIOF>.
SIO2SR<SIOF> is cleared to “0” when the transmitting/receiving is ended.
When SIO2CR1<SIOINH> is set, the transmit/receive operation is immediately ended and SIO2SR<SIOF>
is cleared to “0”.
If it is necessary to change the number of words in external clock operation, SIO2CR1<SIOS> should be
cleared to “0”, then SIO2CR2<BUF> must be rewritten after confirming that SIO2SR<SIOF> has been cleared
to “0”.
If it is necessary to change the number of words in internal clock, during automatic-wait operation which
occurs after completion of transmit/receive operation, SIO2CR2<BUF> must be rewritten before reading and
writing of the receive/transmit data.
Note:The buffer contents are lost when the transfer mode is switched. If it should become necessary to switch the
transfer mode, end receiving by clearing SIO2CR1<SIOS> to “0”, read the last data and then switch the trans-
fer mode.
Figure 16-11 Transfer / Receive Mode (Example: 8bit, 1word transfer, Internal clock)
a1
a0
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
c1
c0
c2
c3
c4
c5
c
b
c6
c7
d0
d1
d2
d3
d4
d5
d6
d7
Clear SIOS
DBR
d
a
Read out (c)
Write (a)
Read out (d)
Write (b)
SCK2 pin
(output)
SO2 pin
INTSIO2 interrupt
SIO2CR1<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SI2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com