Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 252 page
background image
Page 165
TMP86FS64FG
When an external clock is used, the data must be written to the data buffer register before shifting next data.
Thus, the transfer speed is determined by the maximum delay time from the generation of the interrupt request
to writing of the data to the data buffer register by the interrupt service program.
The transmission is ended by clearing SIO2CR1<SIOS> to “0” or setting SIO2CR1<SIOINH> to “1” in
buffer empty interrupt service program.
SIO2CR1<SIOS> is cleared, the operation will end after all bits of words are transmitted.
That the transmission has ended can be determined from the status of SIO2SR<SIOF> because
SIO2SR<SIOF> is cleared to “0” when a transfer is completed.
When SIO2CR1<SIOINH> is set, the transmission is immediately ended and SIO2SR<SIOF> is cleared to
“0”.
When an external clock is used, it is also necessary to clear SIO2CR1<SIOS> to “0” before shifting the next
data; If SIO2CR1<SIOS> is not cleared before shift out, dummy data will be transmitted and the operation will
end.
If it is necessary to change the number of words, SIO2CR1<SIOS> should be cleared to “0”, then
SIO2CR2<BUF> must be rewritten after confirming that SIO2SR<SIOF> has been cleared to “0”.
Figure 16-7 Transfer Mode (Example: 8bit, 1word transfer, Internal clock)
a1
a2
a3
a4
a5
a6
a7
b0
b1
b2
b3
b4
b5
b6
b7
a0
DBR
b
a
Clear SIOS
Write
(a)
Write
(b)
SCK2 pin
(Output)
SO2 pin
INTSIO2 interrupt
SIO2CR1<SIOS>
SIO2SR<SIOF>
SIO2SR<SIOF>
SIO2SR<SEF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com