Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 252 page
background image
Page 161
TMP86FS64FG
Note 1: The lower 4 bits of each buffer are used during 4-bit transfers. Zeros (0) are stored to the upper 4bits when receiving.
Note 2: Transmitting starts at the lowest address. Received data are also stored starting from the lowest address to the highest
address. ( The first buffer address transmitted is 0F98H ).
Note 3: The value to be loaded to BUF is held after transfer is completed.
Note 4: SIO2CR2 must be set when the serial interface is stopped (SIOF = 0).
Note 5: *: Don't care
Note 6: SIO2CR2 is write-only register, which cannot access any of in read-modify-write instruction such as bit operate, etc.
Note 1: Tf; Frame time, TD; Data transfer time
Note 2: After SIOS is cleared to "0", SIOF is cleared to "0" at the termination of transfer or the setting of SIOINH to "1".
Figure 16-2 Frame time (Tf) and Data transfer time (TD)
16.3 Serial clock
16.3.1 Clock source
Internal clock or external clock for the source clock is selected by SIO2CR1<SCK>.
WAIT
Wait control
Always sets "00" except 8-bit transmit / receive mode.
Write
only
00:
Tf = TD(Non wait)
01:
Tf = 2TD(Wait)
10:
Tf = 4TD(Wait)
11:
Tf = 8TD (Wait)
BUF
Number of transfer words
(Buffer address in use)
000:
1 word transfer
0F98H
001:
2 words transfer
0F98H ~ 0F99H
010:
3 words transfer
0F98H ~ 0F9AH
011:
4 words transfer
0F98H ~ 0F9BH
100:
5 words transfer
0F98H ~ 0F9CH
101:
6 words transfer
0F98H ~ 0F9DH
110:
7 words transfer
0F98H ~ 0F9EH
111:
8 words transfer
0F98H ~ 0F9FH
SIO Status Register
SIO2SR
76543
210
(0FB5H)
SIOF
SEF
SIOF
Serial transfer operating status moni-
tor
0:
1:
Transfer terminated
Transfer in process
Read
only
SEF
Shift operating status monitor
0:
1:
Shift operation terminated
Shift operation in process
TD
Tf
(output)
SCK2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com