Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 252 page
background image
Page 187
TMP86FS64FG
It takes a maximum of 40
µs to set read protection in the flash memory. The next command sequence cannot
be executed until this operation is completed. To check the completion of the read protect operation, perform
read operations repeatedly for data polling until the same data is read twice from the same address in the flash
memory. During the read protect operation, any attempts to read from the same address is reversed bit 6 of the
data (toggling between 0 and 1).
19.3 Toggle Bit (D6)
After the byte program, chip erase, and read protect command sequence is executed, any consecutive attempts to
read from the same address is reversed bit 6 (D6) of the data (toggling between 0 and 1) until the operation is com-
pleted. Therefore, this toggle bit provides a software mechanism to check the completion of each operation. Usually
perform read operations repeatedly for data polling until the same data is read twice from the same address in the
flash memory. After the byte program, chip erase, or read protect command sequence is executed, the initial read of
the toggle bit always produces a "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com