Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 202 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 202 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 206Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 252 page
background image
Page 190
19. Flash Memory
19.4 Access to the Flash Memory Area
TMP86FS64FG
19.4.2 Flash Memory Control in the MCU mode
In the MCU mode, write operations are performed by executing the control program in the RAM area.
Before execution of the control program, copy the control program into the RAM area or obtain it from the
external using the communication pin. The procedures to execute the control program in the RAM area in the
MCU mode are described below.
19.4.2.1 How to write to the flash memory by executing a user write control program in the
RAM area (in the MCU mode)
(Steps 1 and 2 are controlled by the program in the flash memory, and steps 3 through 11 are controlled
by the control program in the RAM area.)
1. Transfer the write control program to the RAM area.
2. Jump to the RAM area.
3. Disable (DI) the interrupt master enable flag (IMF
←"0").
4. Disable the watchdog timer, if it is used.
5. Set FLSCR<FLSMD> to "0011B" (to enable command sequence execution).
6. Execute the erase command sequence.
7. Read the same flash memory address twice.
(Repeat step 7 until the same data is read by two consecutive read operations.)
8. Execute the write command sequence. (It is not required to specify the bank to be written.)
9. Read the same flash memory address twice.
(Repeat step 9 until the same data is read by two consecutive read operations.)
10. Set FLSCR<FLSMD> to "1100B" (to disable command sequence execution).
11. Jump to the flash memory area.
Note 1: Before writing to the flash memory in the RAM area, disable interrupts by setting the interrupt master
enable flag (IMF) to "0". Usually disable interrupts by executing the DI instruction at the head of the
write control program in the RAM area.
Note 2: When writing to the flash memory, do not intentionally use non-maskable interrupts (the watchdog
timer must be disabled if it is used). If a non-maskable interrupt occurs while the flash memory is
being written, unexpected data is read from the flash memory (interrupt vector), resulting in malfunc-
tion of the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com