Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS64FG Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMP86FS64FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS64FG Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMP86FS64FG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS64FG Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 252 page
background image
Page 188
19. Flash Memory
19.4 Access to the Flash Memory Area
TMP86FS64FG
19.4 Access to the Flash Memory Area
When the write, erase and read protections are set in the flash memory, read and fetch operations cannot be per-
formed in the entire flash memory area. Therefore, to perform these operations in the entire flash memory area,
access to the flash memory area by the control program in the BOOTROM or RAM area. (The flash memory pro-
gram cannot write to the flash memory.) The serial PROM or MCU mode is used to run the control program in the
BOOTROM or RAM area.
Note 1: The flash memory can be written or read for each byte unit. Erase operations can be performed either in the entire
area or in units of 4 kbytes, whereas read operations can be performed by an one transfer instruction. However,
the command sequence method is adopted for write and erase operations, requiring several-byte transfer instruc-
tions for each operation.
Note 2: To rewrite data to Flash memory addresses at which data (including FFH) is already written, make sure to erase
the existing data by "sector erase" or "chip erase" before rewriting data.
19.4.1 Flash Memory Control in the Serial PROM Mode
The serial PROM mode is used to access to the flash memory by the control program provided in the
BOOTROM area. Since almost of all operations relating to access to the flash memory can be controlled sim-
ply by the communication data of the serial interface (UART), these functions are transparent to the user. For
the details of the serial PROM mode, see “Serial PROM Mode.”
To access to the flash memory by using peripheral functions in the serial PROM mode, run the RAM loader
command to execute the control program in the RAM area. The procedures to execute the control program in
the RAM area is shown in " 19.4.1.1 How to write to the flash memory by executing the control program in the
RAM area (in the RAM loader mode within the serial PROM mode) ".
19.4.1.1 How to write to the flash memory by executing the control program in the RAM area (in
the RAM loader mode within the serial PROM mode)
(Steps 1 and 2 are controlled by the BOOTROM, and steps 3 through 10 are controlled by the control
program executed in the RAM area.)
1. Transfer the write control program to the RAM area in the RAM loader mode.
2. Jump to the RAM area.
3. Disable (DI) the interrupt master enable flag (IMF
←"0").
4. Set FLSCR<FLSMD> to "0011B" (to enable command sequence execution).
5. Execute the erase command sequence.
6. Read the same flash memory address twice.
(Repeat step 6 until the same data is read by two consecutive reads operations.)
7. Specify the bank to be written in FLSCR<BANKSEL>.
8. Execute the write command sequence.
9. Read the same flash memory address twice.
(Repeat step 9 until the same data is read by two consecutive reads operations.)
10. Set FLSCR<FLSMD> to "1100B" (to disable command sequence execution).
Note 1: Before writing to the flash memory in the RAM area, disable interrupts by setting the interrupt master
enable flag (IMF) to "0". Usually disable interrupts by executing the DI instruction at the head of the
write control program in the RAM area.
Note 2: Since the watchdog timer is disabled by the BOOTROM in the RAM loader mode, it is not required to
disable the watchdog timer by the RAM loader program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com