Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS44UG Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 122Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 172 page
background image
Page 116
11. Synchronous Serial Interface (SIO)
11.3 Function
TMP86CS44UG
Figure 11-9 Example of Transmit Error Processingme
11.3.3.2 Receive mode
The receive mode is selected by writing “01B” to SIOCR<SIOM>.
(1) Starting the receive operation
Receive mode is selected by setting “01” to SIOCR1<SIOM>. Serial clock is selected by using
SIOCR1<SCK>. Transfer direction is selected by using SIOCR1<SIODIR>.
After SIOCR1<SIOS> is set to “1”, SIOSR<SIOF> is set synchronously to “1” the falling edge of
SCK
pin.
Synchronizing with the SCK pin's rising edge, the data is received sequentially from SI pin with the
direction of the bit specified by SBIDIR<SIODIR>.
SIOSR<SEF> is kept in high level, between the first clock falling edge of SCK pin and eighth
clock falling edge.
When 8-bit data is received, the data is transferred to SIORDB from shift register. INTSIO inter-
rupt request is generated and SIOSR<RXF> is set to “1”
Note: In internal clock operation, when the SIOCR1<SIOS> is set to "1", the serial clock is generated
from SCK pin after maximum 1-cycle of serial clock frequency.
(2) During the receive operation
The SIOSR<RXF> is cleared to “0” by reading a data from SIORDB.
In the internal clock operation, the serial clock stops to “H” level by an automatic-wait function
when the all of the 8-bit data has been received. Automatic-wait function is released by reading a
received data from SIORDB. Then, receive operation is restarted after maximum 1-cycle of serial
clock.
In external clock operation, after SIOSR<RXF> is set to “1”, the received data must be read from
SIORDB, before the next data shift-in operation is finished.
Writing transmit
data B
Writing transmit
data A
Unknown
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0
Start shift
operation
Start shift
operation
Start shift
operation
SIOCR1<SIOS>
SIOSR<SIOF>
SIOSR<SEF>
SCK
pin
SO pin
SIOSR<TXF>
SIOSR<TXERR>
INTSIO
interrupt
request
SIOTDB
SIOCR1
<SIOINH>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com