Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 61Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 272 page
background image
Page 53
TMP86FS28DFG
5.1 Port P0 (P00 to P02)
Port P0 is a 3-bit input/output port that can also be used for external interrupt input or PPG output.
A reset initializes the output latch (P0DR) to “1” and the Pch control (P0OUTCR) to “0”.
To use a pin in Port P0 as an input port or external interrupt input, set P0DR to “1” and then set the corresponding
bit in P0OUTCR to “0”.
To use a pin in Port P0 as a PPG output, set P0DR to “1”.
The output circuit of Port P0 can be set either as sink open-drain output (“0”) or CMOS output (“1”) individually
for each bit in P0OUTCR.
Port P0 has a separate data input register. The output latch state can be read from the P0DR register, and the pin
state can be read from the P0PRD register.
Figure 5-2 Port P0
Table 5-3 Register Programming for Port P0 (P00 to P02)
Function
Programmed Value
P0DR
P0OUTCR
Port input, external interrupt input
“1”
“0”
Port "0" output
“0”
Set as
appropriate.
Port "1" output, PPG output
“1”
Data input (P0PRD)
Output latch read (P0DR)
STOP
OUTEN
P0OUTCRi input
Data output (P0DR)
P0OUTCRi
P0i
Note) i = 2~0
DQ
DQ
Control output
Control input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com