Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 94Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 272 page
background image
Page 86
8. 16-Bit TimerCounter (TC10,TC11)
8.1 16-Bit TimerCounter 10
TMP86FS28DFG
Note: Since the up-counter value is captured into TC10DRB by the source clock of up-counter after setting TC10CR<ACAP10> to
"1". Therefore, to read the captured value, wait at least one cycle of the internal source clock before reading TC10DRB for the
first time.
Figure 8-2 Timer Mode Timing Chart
Example 2 :Auto-capture
LD
(TC10CR), 01010000B
; ACAP10
← 1
::
LD
WA, (TC10DRB)
; Reads the capture value
Match detect
ACAP10
TC10DRB
TC10DRA
INTTC10 interruput request
Source clock
Counter
Source clock
Counter
?
(a) Timer mode
(b) Auto-capture
?
7
6
3
4
5
0
Timer start
1
2
3
2
1
4
0
Counter clear
Capture
n + 1
n
n
n
m + 2
m + 1
m
m
Capture
m + 2
m + 1
n + 1
n
m
- 1
m
- 1
m
- 2
n
- 1
n
- 1
n
- 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com