Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 95Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 96Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 97Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 272 page
background image
Page 87
TMP86FS28DFG
8.1.3.2 External Trigger Timer Mode
In the external trigger timer mode, the up-counter starts counting by the input pulse triggering of the
TC10 pin, and counts up at the edge of the internal clock. For the trigger edge used to start counting, either
the rising or falling edge is defined in TC10CR<TC10S>.
• When TC10CR<METT10> is set to “1” (trigger start and stop)
When a match between the up-counter and the TC10DRA value is detected after the timer
starts, the up-counter is cleared and halted and an INTTC10 interrupt request is generated.
If the edge opposite to trigger edge is detected before detecting a match between the up-
counter and the TC10DRA, the up-counter is cleared and halted without generating an interrupt
request. Therefore, this mode can be used to detect exceeding the specified pulse by interrupt.
After being halted, the up-counter restarts counting when the trigger edge is detected.
• When TC10CR<METT10> is set to “0” (trigger start)
When a match between the up-counter and the TC10DRA value is detected after the timer
starts, the up-counter is cleared and halted and an INTTC10 interrupt request is generated.
The edge opposite to the trigger edge has no effect in count up. The trigger edge for the next
counting is ignored if detecting it before detecting a match between the up-counter and the
TC10DRA.
Since the TC10 pin input has the noise rejection, pulses of 4/fc [s] or less are rejected as noise. A pulse
width of 12/fc [s] or more is required to ensure edge detection. The rejection circuit is turned off in the
SLOW1/2 or SLEEP1/2 mode, but a pulse width of one machine cycle or more is required.
Example 1 :Generating an interrupt 1 ms after the rising edge of the input pulse to the TC10 pin
(fc =16 MHz)
LDW
(TC10DRA), 007DH
; 1ms
÷ 27/fc = 7DH
DI
; IMF
= “0”
SET
(EIRL). 7
; Enables INTTC10 interrupt
EI
; IMF
= “1”
LD
(TC10CR), 00000100B
; Selects the source clock and mode
LD
(TC10CR), 00100100B
; Starts TC10 external trigger, METT10
= 0
Example 2 :Generating an interrupt when the low-level pulse with 4 ms or more width is input to the TC10 pin
(fc =16 MHz)
LDW
(TC10DRA), 01F4H
; 4 ms
÷ 27/fc = 1F4H
DI
; IMF
= “0”
SET
(EIRL). 7
; Enables INTTC10 interrupt
EI
; IMF
= “1”
LD
(TC10CR), 00000100B
; Selects the source clock and mode
LD
(TC10CR), 01110100B
; Starts TC10 external trigger, METT10
= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com