Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 272 page
background image
Page 5
TMP86FS28DFG
1.4 Pin Names and Functions
The TMP86FS28DFG has MCU mode, parallel PROM mode, and serial PROM mode. Table 1-1 shows the pin
functions in MCU mode. The serial PROM mode is explained later in a separate chapter.
Table 1-1 Pin Names and Functions(1/4)
Pin Name
Pin Number
Input/Output
Functions
P02
PPG10
INT3
12
IO
O
I
PORT02
PPG10 output
External interrupt 3 input
P01
11
IO
PORT01
P00
10
IO
PORT00
P17
AIN7
22
IO
I
PORT17
Analog Input7
P16
AIN6
21
IO
I
PORT16
Analog Input6
P15
AIN5
STOP5
20
IO
I
I
PORT15
Analog Input5
STOP5 input
P14
AIN4
STOP4
19
IO
I
I
PORT14
Analog Input4
STOP4 input
P13
AIN3
STOP3
18
IO
I
I
PORT13
Analog Input3
STOP3 input
P12
AIN2
STOP2
17
IO
I
I
PORT12
Analog Input2
STOP2 input
P11
AIN1
16
IO
I
PORT11
Analog Input1
P10
AIN0
15
IO
I
PORT10
Analog Input0
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
STOP
INT5
9
IO
I
I
PORT20
STOP mode release signal input
External interrupt 5 input
P37
TC10
INT4
31
IO
I
I
PORT37
TC10 input
External interrupt 4 input
P36
SCK
30
IO
IO
PORT36
Serial Clock I/O
P35
SI
TXD1
29
IO
I
O
PORT35
Serial Data Input
UART data output 1
P34
SO
RXD1
28
IO
O
I
PORT34
Serial Data Output
UART data input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com