Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 272 page
background image
Page 63
TMP86FS28DFG
5.6 Port P5 (P50 to P57)
Port P5 is an 8-bit input/output port that can also be used for timer/counter input/output, LCD segment output, or
UART input/output.
A reset initializes the output latch (P5DR) to “1”, the Pch control (P5OUTCR) to “0”, and the LCD output control
register (P5LCR) to “0”.
To use a pin in Port P5 as an input port, timer/counter input, or UART input, set P5DR to “1” and then set the cor-
responding bit in P5LCR and P5OUTCR to “0”.
To use a pin in Port P5 as an LCD segment output, set the corresponding bit in P5LCR to “1”.
To use a pin in Port P5 as a UART output or timer/counter output, set P5DR to "1" and then set the corresponding
bit in P5LCR to “0”.
The output circuit of Port P5 can be set either as sink open-drain output (“0”) or CMOS otuput (“1”) individually
for each bit in P5OUTCR.
Port P5 has a separate data input register. The output latch state can be read from the P5DR register, and the pin
state can be read from the P5PRD register.
Note: An asterisk (*) indicates that either “1” or “0” can be set.
Figure 5-7 Port P5
Table 5-8 Register Programming for Port P5 (P50 to P57)
Function
Programmed Value
P5DR
P5OUTCR
P5LCR
Port input, UART input, timer/counter input
“1”
“0”
“0”
Port “0” output
“0”
Set as
appropriate.
“0”
Port “1” output, UART output
“1”
“0”
LCD segment output
*
*
“1”
Data input (P5PRD)
Output latch read (P5DR)
STOP
OUTEN
P5OUTCRi input
Data output (P5DR)
P5OUTCRi
P5i
Note) i = 7~0
DQ
DQ
LCD data output
P5LCRi
DQ
P5LCRi input
Control output
Control input
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com