Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 272 page
background image
Page 191
TMP86FS28DFG
15. Key-on Wakeup (KWU)
In the TMP86FS28DFG, the STOP mode is released by not only P20(INT5/STOP) pin but also four (STOP2 to
STOP5) pins.
When the STOP mode is released by STOP2 to STOP5 pins, the STOP pin needs to be used.
In details, refer to the following section " 15.2 Control ".
15.1 Configuration
Figure 15-1 Key-on Wakeup Circuit
15.2 Control
STOP2 to STOP5 pins can controlled by Key-on Wakeup Control Register (STOPCR). It can be configured as
enable/disable in 1-bit unit. When those pins are used for STOP mode release, configure corresponding I/O pins to
input mode by I/O port register beforehand.
15.3 Function
Stop mode can be entered by setting up the System Control Register (SYSCR1), and can be exited by detecting the
"L" level on STOP2 to STOP5 pins, which are enabled by STOPCR, for releasing STOP mode (Note1).
Key-on Wakeup Control Register
STOPCR
76
54
3
2
1
0
(0031H)
STOP5
STOP4
STOP3
STOP2
(Initial value: 0000 ****)
STOP5
STOP mode released by STOP5
0:Disable
1:Enable
Write
only
STOP4
STOP mode released by STOP4
0:Disable
1:Enable
Write
only
STOP3
STOP mode released by STOP3
0:Disable
1:Enable
Write
only
STOP2
STOP mode released by STOP2
0:Disable
1:Enable
Write
only
STOPCR
INT5
STOP
STOP mode
release signal
(1: Release)
(0031H)
STOP2
STOP3
STOP4
STOP5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com