Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 221 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 221 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 217Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 218Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 222Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 223Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 224Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 225Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 272 page
background image
Page 209
TMP86FS28DFG
17. Flash Memory
TMP86FS28DFG has 61440byte flash memory (address: 1000H to FFFFH). The write and erase operations to the
flash memory are controlled in the following three types of mode.
- MCU mode
The flash memory is accessed by the CPU control in the MCU mode. This mode is used for software
bug correction and firmware change after shipment of the device since the write operation to the flash
memory is available by retaining the application behavior.
- Serial PROM mode
The flash memory is accessed by the CPU control in the serial PROM mode. Use of the serial interface
(UART) enables the flash memory to be controlled by the small number of pins. TMP86FS28DFG in the
serial PROM mode supports on-board programming which enables users to program flash memory after
the microcontroller is mounted on a user board.
- Parallel PROM mode
The parallel PROM mode allows the flash memory to be accessed as a stand-alone flash memory by the
program writer provided by the third party. High-speed access to the flash memory is available by control-
ling address and data signals directly. For the support of the program writer, please ask Toshiba sales rep-
resentative.
In the MCU and serial PROM modes, the flash memory control register (FLSCR) is used for flash memory con-
trol. This chapter describes how to access the flash memory using the flash memory control register (FLSCR) in the
MCU and serial PROM modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com