Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS28DFG Datasheet(PDF) 249 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 249 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 245Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 246Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 247Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 248Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 249Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 250Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 251Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 252Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 253Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 272 page
background image
Page 237
TMP86FS28DFG
18.7 Error Code
When detecting an error, the device transmits the error code to the external controller, as shown in Table 18-13.
Note: If a password error occurs, TMP86FS28DFG does not transmit an error code.
18.8 Checksum (SUM)
18.8.1 Calculation Method
The checksum (SUM) is calculated with the sum of all bytes, and the obtained result is returned as a word.
The data is read for each byte unit and the calculated result is returned as a word.
Example:
The checksum which is transmitted by executing the flash memory write command or flash memory SUM
output command is calculated in the manner, as shown above.
Table 18-13 Error Code
Transmit Data
Meaning of Error Data
62H, 62H, 62H
Baud rate modification error.
63H, 63H, 63H
Operation command error.
A1H, A1H, A1H
Framing error in the received data.
A3H, A3H, A3H
Overrun error in the received data.
A1H
If the data to be calculated consists of the four bytes,
the checksum of the data is as shown below.
B2H
A1H + B2H + C3H + D4H = 02EAH
SUM (HIGH)= 02H
SUM (LOW)= EAH
C3H
D4H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com