Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB6561FG Datasheet HTML 1Page - Toshiba Semiconductor TB6561FG Datasheet HTML 2Page - Toshiba Semiconductor TB6561FG Datasheet HTML 3Page - Toshiba Semiconductor TB6561FG Datasheet HTML 4Page - Toshiba Semiconductor TB6561FG Datasheet HTML 5Page - Toshiba Semiconductor TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TB6561FG
2007-5-11
4
Electrical Characteristics (VCC = VMA = VMB = 24 V, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1
Stop mode
⎯
5.5
10
ICC2
Forward/reverse mode
⎯
5.0
9
ICC3
Short break mode
⎯
5.5
10
Supply current
ICC4
⎯
Standby mode
⎯
1.5
3
mA
VINH
⎯
2.3
⎯
5.5
Input voltage
VINL
⎯
⎯
-0.2
⎯
0.8
Hysteresis voltage
VIN (HYS)
⎯
(Design guarantee)
⎯
0.4
⎯
V
IINH
VIN = 5 V
30
50
75
Control
circuit
Input current
IINL
⎯
VIN = 0 V
⎯
⎯
5
μA
VPWMH
⎯
2.3
⎯
5.5
Input voltage
VPWML
⎯
⎯
-0.2
⎯
0.8
Hysteresis voltage
VPWM (HYS)
⎯
(Design guarantee)
⎯
0.4
⎯
V
IPWMH
VPWM = 5 V
30
50
75
Input current
IPWML
⎯
VPWM = 0 V
⎯
⎯
5
μA
PWM frequency
fPWM
Duty: 50 %
⎯
⎯
100
kHz
PWM input
circuit
Minimum clock pulse
width
tw(PWM)
⎯
⎯
2.0
⎯
⎯
μs
VINSH
⎯
2.3
⎯
5.5
Input voltage
VINSL
⎯
⎯
-0.2
⎯
0.8
Hysteresis voltage
VIN (HYS)
⎯
(Design guarantee)
0.4
⎯
V
IINSH
VIN = 5 V
30
50
75
Standby
circuit
Input current
IINSL
⎯
VIN = 0 V
⎯
⎯
5
μA
Io = 0.2 A
⎯
1.5
2.0
Output ON resistance
Ron (U + L)
⎯
Io = 1.5 A
⎯
1.5
2.0
Ω
IL (U)
VCC = 40 V
⎯
⎯
10
Output leakage current
IL (L)
⎯
VCC = 40 V
⎯
⎯
10
μA
VF (U)
Io = 1.5 A
⎯
1.3
2.0
Diode forward voltage
VF (L)
⎯
Io = 1.5 A
⎯
1.3
2.0
V
Internal reference voltage
Vreg
⎯
Ireg = 1mA
4.75
5
5.25
V
VCLDH
⎯
⎯
Vreg
Output signal of current limiter
detection
VCLDL
⎯
Io = 50μA
4.25
⎯
0.5
V
Offset time for current limiter
ISD (OFF)
⎯
(Design guarantee)
⎯
50
⎯
μs
Thermal shutdown circuit operating
temperature
TSD
⎯
(Design guarantee)
⎯
160
⎯
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com