Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor TB6561FG Datasheet HTML 10Page - Toshiba Semiconductor TB6561FG Datasheet HTML 11Page - Toshiba Semiconductor TB6561FG Datasheet HTML 12Page - Toshiba Semiconductor TB6561FG Datasheet HTML 13Page - Toshiba Semiconductor TB6561FG Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TB6561FG
2007-5-11
13
Points to remember on handling of ICs
(1) Over current Protection Circuit
Over current protection circuits (referred to as current limiter circuits) do not necessarily protect
ICs under all circumstances. If the Over current protection circuits operate against the over current,
clear the over current status immediately.
Depending on the method of use and usage conditions, such as exceeding absolute maximum ratings
can cause the over current protection circuit to not operate properly or IC breakdown before
operation. In addition, depending on the method of use and usage conditions, if over current
continues to flow for a long time after operation, the IC may generate heat resulting in breakdown.
(2) Thermal Shutdown Circuit
Thermal shutdown circuits do not necessarily protect ICs under all circumstances. If the thermal
shutdown circuits operate against the over temperature, clear the heat generation status
immediately.
Depending on the method of use and usage conditions, such as exceeding absolute maximum ratings
can cause the thermal shutdown circuit to not operate properly or IC breakdown before operation.
(3) Heat Radiation Design
In using an IC with large current flow such as power amp, regulator or driver, please design the
device so that heat is appropriately radiated, not to exceed the specified junction temperature (TJ)
at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat
radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown.
In addition, please design the device taking into considerate the effect of IC heat radiation with
peripheral components.
(4) Back-EMF
When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor’s
power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the
device’s motor power supply and output pins might be exposed to conditions beyond maximum ratings. To avoid
this problem, take the effect of back-EMF into consideration in system design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com