Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TB6561FG Datasheet HTML 1Page - Toshiba Semiconductor TB6561FG Datasheet HTML 2Page - Toshiba Semiconductor TB6561FG Datasheet HTML 3Page - Toshiba Semiconductor TB6561FG Datasheet HTML 4Page - Toshiba Semiconductor TB6561FG Datasheet HTML 5Page - Toshiba Semiconductor TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TB6561FG
2007-5-11
3
Pin Description
Pin No.
Symbol
Function Description
Remarks
1
S-GND
Signal ground
⎯
2
Vreg
5-V output pin
Connect a capacitor (0.1μF) between this pin and S-GND pin.
3
SB
Standby pin
High: Start, Low: Standby, Built in pull-down resistance(100kΩ
(typ.)).
4
PWMA
Rotation direction control pin (chA)
Apply a 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
5
IN1A
Input pin 1 (chA)
Apply a 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
6
IN1B
Input pin 2 (chA)
Apply a 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
7
S-GND
Signal ground
⎯
8
S-GND
Signal ground
⎯
9
S-GND
Signal ground
⎯
10
Vcc
Power supply voltage input pin for motor drive (chA)
VMA (opr) = 10 V to 36 V
11
OUT1A
Output pin 1 (chA)
Connect to a motor coil pin.
12
N.C.
⎯
⎯
13
P-GND
Power ground for chA output
⎯
14
OUT2 A
Output pin 2 (chA)
Connect to a motor coil pin.
15
S-GND
Signal ground
⎯
16
S-GND
Signal ground
⎯
17
OUT2B
Output pin 2 (chB)
Connect to a motor coil pin.
18
P-GND
Power ground
⎯
19
N.C.
⎯
⎯
20
OUT1B
Output pin 1 (chB)
Connect to a motor coil pin.
21
Vcc
Power supply voltage input pin for motor drive (chB)
VMB (opr) = 10 V to 36 V
22
S-GND
Signal ground
⎯
23
S-GND
Signal ground
⎯
24
S-GND
Signal ground
⎯
25
IN2B
Input pin used to set output current level (chB)
Input 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
26
IN1B
Input pin used to set output current level (chB)
Input 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
27
PWM B
Rotation direction control pin (chB)
Input 0-V/5-V signal, Built in pull-down resistance(100kΩ
(typ.)).
28
CLD
Output signal pin of current limiter detection
⎯
29
VCC
Power supply voltage input pin
VCC (opr) = 10 V to 36 V
30
S-GND
Signal ground
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com