Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB6561FG Datasheet HTML 3Page - Toshiba Semiconductor TB6561FG Datasheet HTML 4Page - Toshiba Semiconductor TB6561FG Datasheet HTML 5Page - Toshiba Semiconductor TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor TB6561FG Datasheet HTML 10Page - Toshiba Semiconductor TB6561FG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TB6561FG
2007-5-11
7
3.
Overcurrent Protection Circuit (ISD)
The IC incorporates an overcurrent protection circuit to detect voltage that flows through the output
transistors. The overcurrent threshold is 2.5 A (typ.).
Currents that flow through the output transistors are monitored individually. If overcurrent is detected in
at least one of the transistors, all transistors are turned off.
The IC incorporates a timer to count 50
μs (typ.) for which the transistors are off. After 50 μs, they are
turned on automatically. If an overcurrent occurs again, the same operation is repeated. To prevent false
detection due to glitch, the circuit turns off the transistors only when current that exceeds the overcurrent
threshold flows for 10
μs or longer.
The over-current threshold is a target spec. It varies in a range from approximately 1.5 A to 3.5 A.
ILIM
50
μs
(typ.)
0
10
μs
(typ.)
Not detected
50
μs
(typ.)
10
μs
(typ.)
Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com