Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB6561FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB6561FG
Description  Dual Full-Bridge Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6561FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6561FG Datasheet HTML 1Page - Toshiba Semiconductor TB6561FG Datasheet HTML 2Page - Toshiba Semiconductor TB6561FG Datasheet HTML 3Page - Toshiba Semiconductor TB6561FG Datasheet HTML 4Page - Toshiba Semiconductor TB6561FG Datasheet HTML 5Page - Toshiba Semiconductor TB6561FG Datasheet HTML 6Page - Toshiba Semiconductor TB6561FG Datasheet HTML 7Page - Toshiba Semiconductor TB6561FG Datasheet HTML 8Page - Toshiba Semiconductor TB6561FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TB6561FG
2007-5-11
1
TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB6561FG
Dual Full-Bridge Driver IC
The TB6561FG is a dual bridge driver IC for DC brush motor that
contains MOS transistors in an output stage.
By using low ON-resistance MOS transistors and PWM current
control circuitry, the driver achieves high efficiency.
Features
• Power supply voltage: 40 V (max)
• Output current: 1.5 A (max)
• Low ON-resistance: 1.5 Ω (upper and lower transistors/typ.)
• Direct PWM current control system
• Power-saving function
• Forward/reverse/short brake/stop modes
• Over-current protection: Ilim = 2.5A (typ.)
• Thermal shutdown
• Package: SSOP30-P-375-1.00
TB6561FG
SSOP30-P-375-1.00
Weight:0.63g(typ.)
The TB6561FG is a Pb-free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature = 230ºC
*dipping time = 5 seconds
*number of times = once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature = 245ºC
*dipping time = 5 seconds
*number of times = once
*use of R-type flux


Similar Part No. - TB6561FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
Dual Full-Bridge Driver IC
More results

Similar Description - TB6561FG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
Dual Full-Bridge Driver
logo
NXP Semiconductors
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
Full bridge driver IC
1999 Aug 10
logo
STMicroelectronics
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
Dual Full Bridge Driver
April 1994
logo
NXP Semiconductors
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
HF full bridge driver IC
2002 Oct 08
logo
Toshiba Semiconductor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
Dual Full-Bridge Driver IC for Stepping Motors
02-Jul-2004
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
Dual Full-Bridge Driver IC
TB6562ANG TOSHIBA-TB6562ANG_07 Datasheet
283Kb / 19P
Dual Full-Bridge Driver IC for Stepping Motors
logo
NXP Semiconductors
UBA2033 NXP-UBA2033 Datasheet
135Kb / 18P
HF full bridge driver IC
2002 Oct 08
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
DUAL FULL-BRIDGE DRIVER
Jenuary 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com