Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2-IOL-0002 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 2Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 3Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 4Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 5Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 6Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NXR-ILM08C-ECT
6
EtherCAT Communications Cables
Ethernet communications cables to connect the IO-Link master unit.
Connection Cables between IO-Link Master Unit and EtherCAT Master or EtherCAT Slave with RJ45
Connectors
Connection Cables between IO-Link Master Units
Name and appearance
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
Industrial Ethernet Connectors
with Cable
M12 plug
(D-coding, male)
to RJ45
4
Screw
connector
Straight/
straight
0.5 m
XS2W-T421-BMC-SS
1 m
XS2W-T421-CMC-SS
2 m
XS2W-T421-DMC-SS
3 m
XS2W-T421-EMC-SS
5 m
XS2W-T421-GMC-SS
10 m
XS2W-T421-JMC-SS
Name and appearance
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
Industrial Ethernet Connectors
with Cable
M12 plug
(D-coding, male)
to M12 plug
(D-coding, male)
4
Screw
connector
Straight/
straight
0.5 m
XS2W-T421-BM2-SS
1 m
XS2W-T421-CM2-SS
2 m
XS2W-T421-DM2-SS
3 m
XS2W-T421-EM2-SS
5 m
XS2W-T421-GM2-SS
10 m
XS2W-T421-JM2-SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com