Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2-IOL-0002 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 4Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 5Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 6Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NXR-ILM08C-ECT
8
I/O Cables
• Conversion Cable
The following cable converts connections from an IO-Link device or non-IO-Link connected external device with an M8 plug.
*1. Connectors for the IO-Link Master Unit are not Smartclick connector. Use a torque wrench for the I/O cable to tighten the connector. The
Smartclick connector of the I/O cable can also be used as a screw connector.
• Direct connection or extension Cables
Extension cables, which connect an IO-Link device or standard external device with an M12 plug, can also be used to connect directly to an
IO-Link device with an M12 plug.
• Branching
*1. Connectors for the IO-Link Master Unit are not Smartclick connector. Use a torque wrench for the I/O cable to tighten the connector.
Waterproof Cover for Connectors
A waterproof cover for unused M12 connectors. When you use this waterproof cover, you can maintain the IP67 protective structure.
Name and appearance
Manufacturer
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
XS3W Socket and Plug
on Cable Ends
(M8 (Socket)/M12 (Plug))
OMRON
M8 socket
(A-coding, female)
to M12 plug
(A-coding, male),
DC type
4
(M8) screw
connector,
(M12) Smartclick
connector *1
Straight
0.2 m
XS3W-M42C-4C2-A
Name and appearance
Manufacturer
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
XS2W Socket and Plug
on Cable Ends
(M12 (Socket)/M12 (Plug))
OMRON
M12 socket
(A-coding, female)
to M12 plug
(A-coding, male),
DC type
4
Screw connector
Straight/
straight
1 m
XS2W-D421-C81-F
2 m
XS2W-D421-D81-F
3 m
XS2W-D421-E81-F
5 m
XS2W-D421-G81-F
10 m
XS2W-D421-J81-F
Name and appearance
Manufacturer
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
XS5R Y-Joint Plug/Socket
Connector
OMRON
M12
---
Smartclick
Connector *1
---
---
XS5R-D426-1
Name and appearance
Manufacturer
Specification
Connector
Model
M12 Waterproof Cover
OMRON
M12
Screw connector
XS2Z-22
7/8 inch Waterproof Cover
Molex
7/8 inch
Screw connector
1302011110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com